Part Number Hot Search : 
IRFP351 BCM5702 001591 10BFT M34513M2 100C0911 M62220E FZT2907A
Product Description
Full Text Search
 

To Download ASSR-4110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ASSR-4110, assr-4111, assr-4120 and assr-4130 (preliminary product release) general purpose, form a, solid state relay (photo mosfet) (400v/0.12a/25 ? ) data sheet description the assr-41xx series consists of an algaas infrared light-emitting diode (led) input stage optically coupled to a high-voltage output detector circuit. the detector consists of a high-speed photovoltaic diode array and driver circuitry to switch on/of two discrete high voltage mosfets. the relay turns on (contact closes) with a minimum input current of 3ma through the input led. the relay turns of (contact opens) with an input voltage of 0.8v or less. the single channel configurations, ASSR-4110 and assr-4111, are equivalent to 1 form a electromechan - ical relays (emr), and the dual channel confguration, assr-4120 and assr-4130, are equivalent to 2 form a emr. they are available in 4-pin so, 6-pin dip, 8-pin dip and gull wing surface mount for dip packages and true surface mount so-8 pin. their electrical and switching characteristics are specifed over the tem - perature range of -40c to +85c. they are used for general purpose switching of signals and low power ac/dc loads. assr-4111 enables ac/dc and dc-only output connec - tions. for dc-only connection, the output current, io, increases to 0.24a and the on-resistance, r (on) reduces to 8.5. functional diagram features ? compact solid-state bi-directional signal switch ? single and dual channel normally-of single-pole- single-throw (spst) relay ? 400v output withstand voltage ? 0.12a or 0.24a current rating (see schematic for assr-4111 connection a and b) ? low input current: cmos compatibility ? low on-resistance: 5.5 typical for dc-only, 16 typical for ac/dc ? very high output of-state impedance: 10 teraohms typical ? high speed switching: 0.1ms (ton), 0.02ms (tof ) typical ? high transient immunity: >1kv/ s ? high input-to-output insulation voltage (safety and regulatory approvals) - 3750 vrms for 1 min per ul1577 - csa component acceptance applications ? telecommunication switching telecommunication switching ? data communications data communications ? industrial controls industrial controls ? medical medical ? security security ? emr / reed relay replacement emr / reed relay replacement lead (pb) free rohs 6 fully compliant rohs 6 fully compliant options available; -xxxe denotes a lead-free product caution: it is advised that normal static precautions be taken in handling and assembly of this component to prevent damage and/or degradation which may be induced by esd. t r u t h t a b l e o p t o - i s o l a t i o n t u r n - o f f c i r c u i t 1 2 4 3 s i n g l e c h a n n e l , s p s t r e l a y , 1 f o r m a i n 4 - p i n s o p a c k a g e c l o s e o n o p e n o f f o u t p u t l e d
2 schematic ASSR-4110 turn - off circuit 1 2 4 3 1 2 4 3 opto-isolation turn - off circuit 1 2 4 3 1 2 4 3 equivalent relay diagram opto-isolation ordering information assr-xxxx is ul recognized with 3750 vrms for 1 minute per ul1577 and is approved under csa component ac - ceptance notice #5, file ca 88324. part number option package surface mount gull wing tape & reel quantity rohs compliant ASSR-4110 -003e so-4 x 100 units per tube -503e x x 1500 units per reel assr-4111 -001e 300mil dip-6 50 units per tube -301e x x 50 units per tube -501e x x x 1000 units per reel assr-4120 -002e 300 mil dip-8 50 units per tube -302e x x 50 units per tube -502e x x x 1000 units per reel assr-4130 (preliminary product release) -005e so-8 x 50 units per tube -505e x x 1000 units per reel to order see attached table, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. example 1: assr-4111-501e to order product of 300mil dip-6 gull wing surface mount package in tape and reel packaging and rohs compliant. example 2: assr-4120-002e to order product of 300mil dip-8 package in tube packaging and rohs compliant. option datasheets are available. contact your avago sales representative or authorized distributor for information.
3 assr-4120 and assr-4130 opto-isolation 1 2 3 4 8 7 6 5 1 2 8 7 3 4 6 5 equivalent opto-isolation circuit relay diagram turn-off circuit turn-off opto -i so lation tu rn -o ff circ ui t 1 2 3 4 6 5 opto -i so lation 1 2 6 4 equivalent rela y diagram v o opto -i so lation tu rn -o ff circ ui t 1 2 3 4 6 5 opto -i so lation 1 2 6 4 equivalent rela y diagram v o opto -i so lation tu rn -o ff circ ui t 1 2 3 4 6 5 opto -i so lation 1 2 4 and 6 5 equivalent rela y diagra m vo + - assr-4111 connection a assr-4111 connection b
4 package outline drawings ASSR-4110 4-pin small outline package x x x x y w w l a n d p a t t e r n r e c o m m e n d a t i o n 2 . 5 4 ( 0 . 1 0 0 ) 0 . 8 0 ( 0 . 0 3 1 ) 4 . 8 0 ( 0 . 1 8 9 ) 1 . 2 0 ( 0 . 0 4 7 ) 2 . 5 4 0 ( 0 . 1 0 ) 0 . 4 1 ( 0 . 0 1 6 ) 0 . 3 7 5 ( 0 . 0 1 5 ) 4 . 4 0 0 . 2 0 ( 0 . 1 7 3 0 . 0 0 8 ) 4 . 3 0 . 2 ( 0 . 1 6 9 0 . 0 0 8 ) 6 . 8 0 . 4 ( 0 . 2 6 8 0 . 0 1 6 ) l e a d f r e e t y p e n u m b e r d a t e c o d e d i m e n s i o n s i n m i l l i m e t e r s a n d ( i n c h e s ) o p t i o n n u m b e r 5 0 0 a n d u l r e c o g n i t i o n n o t m a r k e d 0 . 2 0 ( 0 . 0 0 8 ) 0 . 5 ( 0 . 0 2 ) 0 . 4 6 ( 0 . 0 1 8 ) 0 . 5 ( 0 . 0 2 ) 0 . 1 0 2 0 . 1 0 2 ( 0 . 0 0 4 0 . 0 0 4 ) 2 . 0 0 . 2 ( 0 . 0 7 9 0 . 0 0 9 ) assr-4111 6-pin dip package 9 . 4 0 ( 0 . 3 7 0 ) 9 . 9 0 ( 0 . 3 9 0 ) p i n o n e d o t a x x x x y y w w t y p e n u m b e r d a t e c o d e 2 . 1 6 ( 0 . 0 8 5 ) 2 . 5 4 ( 0 . 1 0 0 ) 2 . 2 8 ( 0 . 0 9 0 ) 2 . 8 0 ( 0 . 1 1 0 ) ( 0 . 0 2 0 ) ( 0 . 0 4 0 ) 0 . 4 5 ( 0 . 0 1 8 ) 0 . 6 5 ( 0 . 0 2 5 ) 4 . 7 0 ( 0 . 1 8 5 ) m a x . 2 . 6 6 ( 0 . 1 0 5 ) m i n . 6 . 1 0 ( 0 . 2 4 0 ) 6 . 6 0 ( 0 . 2 6 0 ) 0 . 2 0 ( 0 . 0 0 8 ) 0 . 3 3 ( 0 . 0 1 3 ) 5 ? t y p . 7 . 3 6 ( 0 . 2 9 0 ) 7 . 8 8 ( 0 . 3 1 0 ) d i m e n s i o n s i n m i l l i m e t e r s a n d ( i n c h e s ) . 5 6 3 2 1 1 . 7 8 ( 0 . 0 7 0 ) m a x . r u 4 u l r e c o g n i t i o n l e a d f r e e
5 1 . 0 8 0 0 . 3 2 0 ( 0 . 0 4 3 0 . 0 1 3 ) 2 . 5 4 0 . 2 5 ( 0 . 1 0 0 0 . 0 1 0 ) 0 . 5 1 ( 0 . 0 2 0 ) m i n . 0 . 6 5 ( 0 . 0 2 5 ) m a x . 4 . 7 0 ( 0 . 1 8 5 ) m a x . 2 . 9 2 ( 0 . 1 1 5 ) m i n . 5 t y p . 0 . 2 5 4 + 0 . 0 7 6 - 0 . 0 5 1 ( 0 . 0 1 0 + 0 . 0 0 3 ) - 0 . 0 0 2 ) 7 . 6 2 0 . 2 5 ( 0 . 3 0 0 0 . 0 1 0 ) 6 . 3 5 0 . 2 5 ( 0 . 2 5 0 0 . 0 1 0 ) 9 . 6 5 0 . 2 5 ( 0 . 3 8 0 0 . 0 1 0 ) 1 . 7 8 ( 0 . 0 7 0 ) m a x . 1 . 1 9 ( 0 . 0 4 7 ) m a x . a x x x x y y w w d a t e c o d e d i m e n s i o n s i n m i l l i m e t e r s a n d ( i n c h e s ) . 5 6 7 8 4 3 2 1 o p t i o n c o d e * u l r e c o g n i t i o n u r t y p e n u m b e r o p t i o n n u m b e r s 3 0 0 a n d 5 0 0 n o t m a r k e d . 3 . 5 6 0 . 1 3 ( 0 . 1 4 0 0 . 0 0 5 ) l e a d f r e e assr-4120 8-pin dip package assr-4111 6-pin dip package with gull wing surface mount option 300 4 . 1 9 ( 0 . 1 6 5 ) 2 . 2 9 ( 0 . 0 9 0 ) 2 . 5 4 ( 0 . 1 0 0 ) t y p . 0 . 6 3 5 0 . 1 3 0 ( 0 . 0 2 5 0 . 0 0 5 ) 9 . 6 5 0 . 2 5 ( 0 . 3 8 0 0 . 0 1 0 ) 7 . 6 2 0 . 2 5 ( 0 . 3 0 0 0 . 0 1 0 ) 0 . 6 3 5 0 . 2 5 ( 0 . 0 2 5 0 . 0 1 0 ) 1 2 ? n o m . 0 . 2 0 ( 0 . 0 0 8 ) 0 . 3 0 ( 0 . 0 1 3 ) 1 . 7 8 ( 0 . 0 7 0 ) m a x . 9 . 6 5 0 . 2 5 ( 0 . 3 8 0 0 . 0 1 0 ) 6 . 3 5 0 . 2 5 ( 0 . 2 5 0 0 . 0 1 0 ) 1 . 2 7 ( 0 . 0 5 0 ) 1 0 . 9 ( 0 . 4 3 0 ) m a x . 2 . 0 ( 0 . 0 8 0 ) n o t e : f l o a t i n g l e a d p r o t r u s i o n i s 0 . 2 5 m m ( 1 0 m i l s ) m a x . l a n d p a t t e r n r e c o m m e n d a t i o n
6 assr-4120 8-pin dip package with gull wing surface mount option 300 0 . 6 3 5 0 . 2 5 ( 0 . 0 2 5 0 . 0 1 0 ) 1 2 n o m . 9 . 6 5 0 . 2 5 ( 0 . 3 8 0 0 . 0 1 0 ) 0 . 6 3 5 0 . 1 3 0 ( 0 . 0 2 5 0 . 0 0 5 ) 7 . 6 2 0 . 2 5 ( 0 . 3 0 0 0 . 0 1 0 ) 5 6 7 8 4 3 2 1 9 . 6 5 0 . 2 5 ( 0 . 3 8 0 0 . 0 1 0 ) 6 . 3 5 0 0 . 2 5 ( 0 . 2 5 0 0 . 0 1 0 ) 1 . 0 1 6 ( 0 . 0 4 0 ) 1 . 2 7 ( 0 . 0 5 0 ) 1 0 . 9 ( 0 . 4 3 0 ) 2 . 0 ( 0 . 0 8 0 ) l a n d p a t t e r n r e c o m m e n d a t i o n 1 . 0 8 0 0 . 3 2 0 ( 0 . 0 4 3 0 . 0 1 3 ) 3 . 5 6 0 . 1 3 ( 0 . 1 4 0 0 . 0 0 5 ) 1 . 7 8 0 ( 0 . 0 7 0 ) m a x . 1 . 1 9 ( 0 . 0 4 7 ) m a x . 2 . 5 4 ( 0 . 1 0 0 ) b s c d i m e n s i o n s i n m i l l i m e t e r s ( i n c h e s ) . l e a d c o p l a n a r i t y = 0 . 1 0 m m ( 0 . 0 0 4 i n c h e s ) . n o t e : f l o a t i n g l e a d p r o t r u s i o n i s 0 . 2 5 m m ( 1 0 m i l s ) m a x . 0 . 2 5 4 + 0 . 0 7 6 - 0 . 0 5 1 ( 0 . 0 1 0 + 0 . 0 0 3 ) - 0 . 0 0 2 ) assr-4130 8-pin surface mount dip package (preliminary product release) t y p e n u m b e r a x x x x d a t e c o d e y y w w l e a d f r e e d i m e n s i o n s i n m i l l i m e t e r s a n d ( i n c h e s ) l a n d p a t t e r n r e c o m m e n d a t i o n 4 . 4 0 0 . 2 0 ( 0 . 1 7 3 0 . 0 0 8 ) 2 . 5 4 ( 0 . 1 0 0 ) 0 . 4 1 ( 0 . 0 1 6 ) 6 . 8 1 0 . 4 0 ( 0 . 2 6 8 0 . 0 1 6 ) 1 . 2 0 ( 0 . 0 4 7 ) 0 . 8 0 ( 0 . 0 3 1 ) 4 . 8 0 ( 0 . 1 8 9 ) 2 . 5 4 ( 0 . 1 0 0 ) 0 . 2 0 ( 0 . 0 0 8 ) 0 5 1 ( 0 . 0 2 0 ) 0 . 4 6 ( 0 . 0 1 8 ) 2 0 . 2 ( 0 . 0 7 9 0 . 0 0 8 ) 0 . 1 0 2 0 . 1 0 2 ( 0 . 0 0 4 0 . 0 0 4 ) 9 . 4 0 . 2 ( 0 . 3 6 9 0 . 0 0 8 )
7 regulatory information the ASSR-4110, assr-4111, assr-4120 and assr-4130 (preliminary product release) are approved by the following organizations: ul approvals under ul 1577, component recognition program up to v iso = 3750 v rms approvals under csa component acceptance notice #5. insulation and safety related specifcations parameter symbol assr- 4110 assr-4111 assr-4120 assr- 4130 units conditions minimum external air gap (clearance) l(101) 4.9 7.1 4.9 mm measured from input terminals to output terminals, shortest distance through air. minimum external track - ing (creepage) l(102) 4.9 7.4 4.8 mm measured from input terminals to output terminals, shortest distance path along body. minimum internal plastic gap (internal clearance) 0.08 0.08 0.08 mm through insulation distance conductor to conductor, usually the straight line distance thickness between the emitter and detec - tor. tracking resistance (comparative tracking index) cti 175 175 175 v din iec 112/vde 0303 part 1 isolation group (din vde0109) iiia iiia iiia material group (din vde 0109) lead free ir profle 217 c ramp-down 6 c/sec. max. ramp-up 3 c/sec. max. 150 - 200 c 260 +0/-5 c t 25 c to peak 60 to 150 sec. 20-40 sec. time within 5 c of actual peak temperature t p t s preheat 60 to 180 sec. t l t l t smax t smin 25 t p time (seconds) temperature ( c) notes: the time from 25 c to peak temperature = 8 minutes max. t smax = 200 c, t smin = 150 c non-halide fux should be used.
8 absolute maximum ratings parameter symbol min. max. units note storage temperature t s -55 125 c operating temperature t a -40 85 c junction temperature t j 125 c lead soldering cycle temperature 260 c time 10 s input current average i f 25 ma surge 50 transient 1000 reversed input voltage v r 5 v input power dissipation ASSR-4110 p in 40 mw assr-4111 p in 40 mw assr-4120 and assr-4130 p in 80 mw output power dissipation ASSR-4110 p o 360 mw assr-4111 p o 490 mw assr-4120 and assr-4130 p o 720 mw average output current (t a = 25c, t c 100c) i o 0.12 a 1 assr-4111 con - nection b 0.24 a output voltage (t a = 25c) v o -400 400 v 2 assr-4111 con - nection b 0 400 v solder refow temperature profle see lead free ir profle recommended operating conditions parameter symbol min. max. units note input current (on) i f(on) 3 20 ma 3 input voltage (off) v f(off) 0 0.8 v operating temperature t a -40 +85 c
9 package characteristics unless otherwise specifed, t a = 25c. parameter sym. min. typ. max. units conditions note input-output momentary withstand voltage v iso 3750 vrms rh 50%, t = 1 min 4, 5 input-output resistance r i-o 10 12 ? v i-o = 500 vdc input-output capacitance ASSR-4110 c i-o 0.4 pf f = 1 mhz; v i-o = 0 vdc 4 assr-4111 c i-o 0.5 pf f = 1 mhz; v i-o = 0 vdc assr-4120 c i-o 0.8 pf f = 1 mhz; v i-o = 0 vdc assr-4130 c i-o 0.8 pf f = 1 mhz; v i-o = 0 vdc electrical specifcations (dc) over recommended operating t a = -40c to 85c, i f = 5ma to 10ma, unless otherwise specifed. parameter sym. min. typ. max. units conditions fig. note output withstand voltage |v o(off) | 400 450 v v f =0.8v, i o =250 a, t a =25 c 360 v v f =0.8v, i o =250 a 5 output leakage current i o(off) 0.5 100 na v f =0.8v, v o =400v, t a =25 c 1 a v f =0.8v, v o =400v 6 output ofset voltage |v (os) | 1 v i f =5ma, i o =0ma input reverse breakdown voltage v r 5 v i r =10 a input forward voltage v f 1.1 1.3 1.65 v i f =5ma 7, 8 output on-resistance r (on) 16 25 ? i f =5ma, i o =120ma, pulse 30ms, t a =25 c 9, 10 6 assr-4111 con - nection b 5.5 8.5 ? i f =5ma, i o =240ma, pulse 30ms, t a =25 c
10 switching specifcations (ac) over recommended operating t a = -40c to 85c, i f = 5ma to 10ma, unless otherwise specifed. parameter sym. min. typ. max. units conditions fig. note turn on time t on 0.25 0.5 ms i f =5ma, i o =120ma, t a =25 c 11, 15 1.0 ms i f =5ma, i o =120ma 12 0.1 0.25 ms i f =10ma, i o =120ma, t a =25 c 0.5 ms i f =10ma, i o =120ma turn of time t off 0.02 0.2 ms i f =5ma, i o =120ma, t a =25 c 13, 15 0.5 ms i f =5ma, i o =120ma 14 0.02 0.15 ms i f =10ma, i o =120ma, t a =25 c 0.2 ms i f =10ma, i o =120ma output transient rejection dv o /dt 1 7 kv/ s d v o =400v, t a =25 c 16 input-output transient rejection dv i-o /dt 1 10 kv/ s d v i-o =1000v, t a =25 c 17 notes: 1. for derating, refer to figure 1, 2, 3 and 4. 2. the voltage across the output terminals of the relay should not exceed this rated withstand voltage. over-voltage protection circuits should be added in some applications to protect against over-voltage transients. 3. threshold to switch device is i f 0.5ma, however, for qualifed device performance over temperature range, it is recommended to operate at i f =5ma. 4. device is considered as a two terminal device: ASSR-4110 - pin 1, 2 shorted and pin 3, 4 shorted. assr-4111 - pin 1, 2, 3 shorted and pin 4, 5, 6 shorted. assr-4120 and assr-4130 - pin 1, 2, 3, 4 shorted and pin 5, 6, 7, 8 shorted. 5. the input-output momentary withstand voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage rating. for the continuous voltage rating refer to the iec/en/din en 60747-5-2 insulation characteristics table (if applicable), your equipment level safety specifcation, or avago technologies application note 1074, optocoupler input-output endurance voltage. 6. during the pulsed r (on) measurement ( i o duration 30ms), ambient (t a ) and case temperature (t c ) are equal.
11 applications information on-resistance and derating curves the output on-resistance, r (on) , specifed in this data sheet, is the resistance measured across the output contact when a pulsed current signal (io=120ma) is applied to the output pins. the use of a pulsed signal ( 30ms) implies that each junction temperature is equal to the ambient and case temperatures. the steady- state resistance, rss, on the other hand, is the value of the resistance measured across the output contact when a dc current signal is applied to the output pins for a duration sufcient to reach thermal equilibrium. rss includes the efects of the temperature rise in the device. figure 2. maximum output current rating vs ambient temperature (assr-4111-001e) figure 1. maximum output current rating vs ambient temperature (ASSR-4110-003e) figure 1, 2, 3 and 4 specify the maximum average output current allowable for a given ambient tem - perature. the maximum allowable output current and power dissipation are related by the expression rss=po(max)/(io(max)) 2 from which rss can be calculat - ed. staying within the safe area assures that the steady state mosfet junction temperature remains less than 125c. turn on time and turn of time variation the assr-41xx series exhibits a very fast turn on and turn of time. both the turn on and turn of time can be adjusted by choosing proper forward current as depicted in figures 11 and 13. the changes of the turn on and turn of time with ambient temperature are also shown in figures 12 and 14. figure 4. maximum output current rating vs ambient temperature, assr-4120-002e and assr-4130-005e (preliminary product release) figure 3. maximum output current rating vs ambient temperature (assr-4111-001e) dc connection i o - o u t p u t c u r r e n t - a 0 0 . 0 4 0 . 0 8 0 . 1 2 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 t a - t e m p e r a t u r e - c i f = 1 0 m a , 4 - l a y e r b o a r d s a f e o p e r a t i n g a r e a 0 0 . 0 4 0 . 0 8 0 . 1 2 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 i f = 1 0 m a , 4 - l a y e r b o a r d s a f e o p e r a t i n g a r e a t a - t e m p e r a t u r e - c i o - o u t p u t c u r r e n t - a 0 0 . 0 4 0 . 0 8 0 . 1 2 0 . 1 6 0 . 2 0 0 . 2 4 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 s a f e o p e r a t i n g a r e a i f = 1 0 m a , 4 - l a y e r b o a r d t a - t e m p e r a t u r e - c i o - o u t p u t c u r r e n t - a 0 0 . 0 4 0 . 0 8 0 . 1 2 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 i f = 1 0 m a , 4 - l a y e r b o a r d 1 - c h a n n e l 2 - c h a n n e l s a f e o p e r a t i n g a r e a t a - t e m p e r a t u r e - c i o - o u t p u t c u r r e n t - a
12 figure 10. typical output current vs. output voltage figure 9. typical on resistance vs.temperature figure 8. typical forward current vs. forward voltage figure 7. typical forward voltage vs. temperature 1 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5 - 5 0 - 2 5 0 2 5 5 0 7 5 1 0 0 v f - f o r w a r d v o l t a g e - v i f = 5 m a i f = 1 0 m a t a - t e m p e r a t u r e - c 8 1 3 1 8 2 3 2 8 3 3 - 5 0 0 5 0 1 0 0 1 5 0 2 0 0 i f = 5 m a r o n - o n r e s i s t a n c e - ? t a - t e m p e r a t u r e - c i f = 1 0 m a - 0 . 1 2 - 0 . 0 8 - 0 . 0 4 0 0 . 0 4 0 . 0 8 0 . 1 2 - 2 - 1 0 1 2 v o - f o r w a r d v o l t a g e - v i o - o u t p u t c u r r e n t - a t a = - 4 0 c t a = 2 5 c t a = 8 5 c 2 4 6 8 1 0 1 2 1 4 1 6 1 8 2 0 0 . 4 0 . 6 0 . 8 1 1 . 2 1 . 4 1 . 6 v f - f o r w a r d v o l t a g e - v i f - f o r w a r d c u r r e n t - m a t a = - 4 0 c t a = 0 c t a = 2 5 c t a = 8 5 c figure 6. typical output leakage current vs. temperature figure 5. normalized typical output withstand voltage vs. temperature 0 . 9 0 . 9 5 1 1 . 0 5 1 . 1 - 5 0 - 2 5 0 2 5 5 0 7 5 1 0 0 i o = 2 5 0 a v f = 0 . 8 v n o r m a l i z e d o u t p u t w i t h s t a n d v o l t a g e t a - t e m p e r a t u r e - c 1 . e - 1 0 1 . e - 0 9 1 . e - 0 8 1 . e - 0 7 1 . e - 0 6 1 . e - 0 5 1 . e - 0 4 - 5 0 0 5 0 1 0 0 1 5 0 2 0 0 i o ( o f f ) - o u t p u t l e a k a g e c u r r e n t - a v o = 4 0 0 v v f = 0 . 8 v t a - t e m p e r a t u r e - c
13 figure 14. typical turn of time vs. temperature figure 13. typical turn off time vs. input current 0 1 0 2 0 3 0 4 0 5 0 0 5 1 0 1 5 2 0 i f ( o n ) - i n p u t c u r r e n t - m a t o f f - t u r n o f f t i m e - s 0 1 0 2 0 3 0 4 0 5 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 t o f f - t u r n o f f t i m e - s i f = 5 m a t a - t e m p e r a t u r e - c figure 12. typical turn on time vs. temperature figure 11. typical turn on time vs. input current 0 5 0 1 0 0 1 5 0 2 0 0 2 5 0 3 0 0 3 5 0 4 0 0 4 5 0 0 5 1 0 1 5 2 0 i f ( o n ) - i n p u t c u r r e n t - m a t o n - t u r n o n t i m e - s 1 5 0 2 0 0 2 5 0 3 0 0 3 5 0 4 0 0 4 5 0 5 0 0 - 4 0 - 2 0 0 2 0 4 0 6 0 8 0 1 0 0 t o n - t u r n o n t i m e - s i f = 5 m a t a - t e m p e r a t u r e - c figure 15. typical output of-state capacitance vs output voltage 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 0 2 0 4 0 6 0 8 0 1 0 0 v o ( o f f ) - o u t p u t v o l t a g e - v c o u t - o u t p u t c a p a c i t a n c e - p f
14 in pu t i f ou tp ut vo 10% t on pu lse gen. zo = 50 ? tf = tr = 5ns in pu t mo ni to ri ng node ou tp ut v o mo ni to ri ng node i f c l * r l ( * c l i s a pprox imat el y 25pf wh ic h i ncl udes probe a nd st ra y wi ri ng ca pa ci ta nce ) v dd r 200ohm t of f 90% 50% 50% p.w . = 15 ms a ssr-4120 1 2 8 7 3 4 6 5 figure 16. switching test circuit for t on , t off
15 figure 17. output transient rejection test circuit pu lse gen. zo = 50 ? + a ssr-4120 1 2 8 7 3 4 6 5 ou tp ut v o mo ni to ri ng node c m r m c m i ncl udes probe a nd fi xt ure ca pa ci ta nce r m i ncl udes probe a nd fi xt ure resi st a nce v pea k t r v pea k 90% 10% t f 90% 10% in pu t open v m (m a x) < 4v f p eak r pe ak t or t dt dv (0.8) v 0 = over shoot on v pea k i s to b e < 10% _ (0.8) v
for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. data subject to change. copyright ? 2005-2008 avago technologies. all rights reserved. obsoletes av01-0618en av02-0279en - september 16, 2008 figure 18. input - output transient rejection test circuit i f pu lse gen. zo = 50 ? v ff a b + sw it ch at posit io n "b": i f = 5 ma a ssr-4120 1 2 8 7 3 4 6 5 ou tp ut v o mo ni to ri ng node c l * r l = 1kohm ( *c l i s ap prox imat el y 25pf whi ch in cl udes probe a nd st ra y wi ri ng ca pa ci ta nce) v dd = 5v v i- o + t r v i- o( pea k) 90% 10% t f 90% 10% sw it ch at posit io n "a ": i f = 0 ma v o( off) ( min.) > 4 v v o( off) v o( on ) v o( on ) ( max.) < 0.8v


▲Up To Search▲   

 
Price & Availability of ASSR-4110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X